PART |
Description |
Maker |
M87C257-20C1TR M87C257-20C3TR M87C257-20C6TR M87C2 |
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27C256B-12XF1 |
256 Kbit (32Kb x 8) EPROM, 5V, 120ns
|
SGS Thomson Microelectronics
|
M27256 M27256-F1 M27256-F6 M27256-4F6 M27256-1F1 M |
NND - NMOS 256 KBIT (32KB X8) UV EPROM NMOS 256K 32K x 8 UV EPROM 32K X 8 UVPROM, 200 ns, CDIP28 32K X 8 UVPROM, 250 ns, CDIP28
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M48T35Y-70MH1 M48T35Y-70PC1 |
256 KBIT (32KB X8) TIMEKEEPER SRAM
|
SGS Thomson Microelectronics
|
M48Z35 |
256 Kbit 32Kb x8 ZEROPOWER SRAM
|
STMicroelectronics
|
M27C256B-15XF1TR M27C256B-15XF6X M27C256B-15XF7TR |
CAP 0.1UF 50V 20% Z5U DIP-2 TUBE 256千位(的32KB × 8)紫外线存储器和OTP存储 ER 2C 2#12 SKT RECP LINE 256千位(的32KB × 8)紫外线存储器和OTP存储 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM 256千位(的32KB × 8)紫外线存储器和OTP存储 CAP 100PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200UF 450V ELECT SCREW TERM Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:210000uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:200000uF RoHS Compliant: Yes ER 14C 14#16 SKT RECP BOX TVS ARRAY, MULTIGUARD 5.6V 2 ELEMENTTVS ARRAY, MULTIGUARD 5.6V 2 ELEMENT; Voltage, varistor at 1mA:8.5V; Voltage, varistor at 1mA min:6.8V; Voltage, varistor at 1mA max:10.2V; Energy, transient:50J; Current, peak 8/20us max:15A; ER 1C 1#4 PIN RECP WALL CAP 10PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR ER 4C 2#16 2#12 PIN RECP WALL CAP 820PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 200V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8.2PF 100V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 8.2PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 91PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED PWR SPLY LINEAR SINGLE 12V@10.2A HOLDER CIRCUIT BOARDS ESD SAFE Mounting Bracket; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No CAP 8.2PF 50V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR SERV SWITCH USB COAX CPU CABLES 75 FT CONNECTOR ACCESSORY 256 KBIT (32KB X8) UV EPROM AND OTP EPROM 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
|
Samsung Semiconductor Co., Ltd. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M24512-WMW6TP M24256-BR M24256-BRDW6G M24256-BRDW6 |
512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
|
STMICROELECTRONICS[STMicroelectronics]
|
M27C64A-30F6 M27C64A-10F6 M27C64A-10K6 M27C64A-10F |
64 Kbit (8Kb x8) UV EPROM and OTP EPROM 64千位KB的8)紫外线存储器和OTP存储
|
意法半导 STMicroelectronics N.V.
|
M27C1001-10F1 |
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
PSD835G2-70U PSD835G2-90U PSD835G2-90UI |
Flash PSD, 5V Supply, for 8-bit MCUs, 4Mb 256 Kbit Dual Flash Memories and 64 Kbit SRAM
|
ST Microelectronics
|
PSD834F2V-15M PSD834F2V-20JI PSD834F2V-20MI PSD834 |
FLASH PSD, 3.3V SUPPLY, FOR 8-BIT MCUS 2 MBIT 256 KBIT DUAL FLASH MEMORIES AND 64 KBIT SRAM
|
ST Microelectronics
|